Part Number Hot Search : 
S6B0719 29003 2SB1667 LAN8720I 1SS355 001D44 RT1N241M CGRA4005
Product Description
Full Text Search
 

To Download VSMY2853G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 1 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high speed infrared emitting diodes, 850 nm, surface emitter technology description as part of the surflight tm portfolio, the vsmy2853 series are infrared, 850 nm emitting diodes based on gaalas surface emitter chip technology with extreme high radiant intensities, high optical powe r and high speed, molded in clear, untinted plastic packages (with lens) for surface mounting (smd). applications ? irda compatible data transmission ? miniature light barrier ? photointerrupters ? optical switch ? emitter source for proximity sensors ? ir touch panels ? ir illumination ?3d tv features ? package type: surface mount ? package form: gw, rgw ? dimensions (l x w x h in mm): 2.3 x 2.3 x 2.55 ? peak wavelength: p = 850 nm ? high reliability ? high radiant power ? very high radiant intensity ? angle of half intensity: ? = 28 ? suitable for high pulse current operation ? terminal configurations: gu llwing or reverse gullwing ? package matches with detector vemd2503x01 series ? floor life: 4 weeks, msl 2a, acc. j-std-020 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? test conditions see table basic characteristics note ? moq: minimum order quantity 22689 vsmy2853rg 2268 9 VSMY2853G product summary component i e (mw/sr) ? (deg) p (nm) t r (ns) vsmy2853rg 35 28 850 10 VSMY2853G 35 28 850 10 ordering information ordering code packaging remarks package form vsmy2853rg tape and reel moq: 6000 pc s, 6000 pcs/reel re verse gullwing VSMY2853G tape and reel moq: 6000 pcs, 6000 pcs/reel gullwing
vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 2 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - power dissipation limit vs. ambient temperature fig. 2 - forward current limit vs. ambient temperature absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.5, t p = 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1a power dissi pation p v 190 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature acc . figure 7, j-std-020 t sd 260 c thermal resistance junction/amb ient j-std-051, soldered on pcb r thja 250 k/w 0 20 40 60 80 100 120 140 160 180 200 0 102030405060708090100 21890 t amb - ambient temperature (c) p v - power dissipation (mw) r thja = 250 k/w 0 20 40 60 80 100 120 0 10 203040 50607080 90100 21891 r thja = 250 k/w t amb - ambient temperature (c) i f - forward current (ma) basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.65 1.9 v i f = 1 a, t p = 100 s v f 2.9 v temperature coefficient of v f i f = 1 ma tk vf - 1.45 mv/k i f = 10 ma tk vf - 1.3 mv/k reverse current i r not designed for reverse operation a junction capacitance v r = 0 v, f = 1 mhz, e = 0 mw/cm 2 c j 125 pf radiant intensity i f = 100 ma, t p = 20 ms i e 20 35 50 mw/sr i f = 1 a, t p = 100 s i e 380 mw/sr radiant power i f = 100 ma, t p = 20 ms e 55 mw temperature coefficient of radiant power i f = 100 ma tk e - 0.35 %/k angle of half intensity ? 28 deg peak wavelength i f = 100 ma p 840 850 870 nm spectral bandwidth i f = 30 ma ? 30 nm temperature coefficient of p i f = 30 ma tk p 0.25 nm/k rise time i f = 100 ma, 20 % to 80 % t r 10 ns fall time i f = 100 ma, 20 % to 80 % t f 10 ns
vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 3 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - forward current vs. forward voltage fig. 4 - radiant intensity vs. forward current fig. 5 - relative radiant power vs. wavelength fig. 6 - relative radiant in tensity vs. angular displacement solder profile fig. 7 - lead (pb)-free reflow solder profile acc. j-std-020 drypack devices are packed in moistu re barrier bags (mbb) to prevent the products from mo isture absorption during transportation and storage. each bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: floor life: 4 weeks conditions: t amb < 30 c, rh < 60 % moisture sensitivity level 2a, acc. to j-std-020. drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry us ing recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. v f - forward voltage (v) 22097 i f - forward current (a) 0.001 0.01 0.1 1 10 0 0.5 1 1.5 2 2.5 3 3.5 t p = 100 s i f - forward current (a) i e - radiant intensity (mw/sr) 0.1 10 100 1000 0.001 0.01 0.1 1 t p = 100 s 1 - wavelength (nm) 21776-1 e, rel - relative radiant power 0 0.25 0.5 0.75 1 650 750 850 950 i f = 30 ma 22688 i e rel - relative radiant intensity ? - angular displacement 0.4 0.2 0 0.6 0 10 20 0.9 0.8 30 40 50 60 70 80 0.7 1.0 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 4 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: vsmy2853rg
vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 5 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: VSMY2853G
vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 6 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping and reel dimensions in millimeters: vsmy2853rg
vsmy2853rg, VSMY2853G www.vishay.com vishay semiconductors rev. 1.1, 28-mar-13 7 document number: 83480 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping and reel dimensions in millimeters: VSMY2853G
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VSMY2853G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X